Part Number Hot Search : 
TL431 SK312 AN1593 BS757 2SA1576A 23621 0603L KT521205
Product Description
Full Text Search
 

To Download CMZ30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmz12 thru cmz53 12v-53v 0.2a suitable for compact assembly due to small surface-mount web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics . ? repetitive peak reverse voltage: v rrm ? average forward current: i f (av) ? forward voltage: v fm ? very fast reverse-recovery time: t rr = 100 ns (max.) ? ?m ? flat tm ? (toshiba package name) package sod-123 electrical characteristics (ta = 25c) zener voltage vz (v) zener impedance r d ( ) temperature coefficient of zener forward voltage v f (v) reverse current i r ( a) t (mv/c) type min typ. max measure- ment current i z (ma) max measure- ment current i z (ma) typ. max max measure- ment current i f (a) max measure- ment voltage v r (v) cmz12 10.8 12 13.2 10 30 10 8 13 1.2 0.2 10 8 cmz13 11.7 13 14.3 10 30 10 9 14 1.2 0.2 10 9 cmz15 13.5 15 16.5 10 30 10 11 17 1.2 0.2 10 10 cmz16 14.4 16 17.6 10 30 10 12 19 1.2 0.2 10 11 cmz18 16.2 18 19.8 10 30 10 14 23 1.2 0.2 10 13 cmz20 18.0 20 22.0 10 30 10 16 26 1.2 0.2 10 14 cmz22 19.8 22 24.2 10 30 10 18 28 1.2 0.2 10 16 cmz24 21.6 24 26.4 10 30 10 20 32 1.2 0.2 10 17 cmz27 24.3 27 29.7 10 30 10 23 36 1.2 0.2 10 19 CMZ30 27.0 30 33.0 10 30 10 25 40 1.2 0.2 10 21 cmz33 29.7 33 36.3 10 30 10 26 41 1.2 0.2 10 26.4 cmz36 32.4 36 39.6 9 30 9 28 45 1.2 0.2 10 28.8 cmz39 35.1 39 42.9 8 35 8 30 48 1.2 0.2 10 31.2 cmz43 38.7 43 47.3 7 40 7 33 53 1.2 0.2 10 34.4 cmz47 42.3 47 51.7 6 65 6 38 60 1.2 0.2 10 37.6 cmz51 45.9 51 56.1 6 65 6 43 68 1.2 0.2 10 40.8 cmz53 47.7 53 58.3 5 85 5 49 77 1.2 0.2 10 42.4 constant voltage regulator transient suppressors
ratings and characteristic curves cmz12 thru cmz53 e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 12v-53v 0.2a constant voltage regulator transient suppressors cmz12 thru cmz53 0.1 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 0 5 10 15 20 25 10 14 18 22 26 0 20 40 60 80 100 120 140 160 0 0.4 0.8 1.2 1.6 2 2.4 10 100 1000 0.1 1 10 25 30 35 40 45 50 26 30 34 38 42 46 50 54 58 ta m a x ? p maximum allowable temperature ta m a x ( c ) power dissipation p (w) p rsm ? t w (reference value) non-repetitive peak reverse power dissipation p rsm (w) pulse width t w (ms) t ? v z (typ.) temperature coefficient of zener voltage t (mv/c) zener voltage v z (v) t ? v z (typ.) temperature coefficient of zener voltage t (mv/c) zener voltage v z (v) cmz12~cmz27 CMZ30~cmz53 recommended ta = 25c rectan g ular p ulse p rsm t w device mounted on a ceramic board: board size: 50 mm 50 mm soldering land: 2.0 mm 2.0 mm board thickness: 0.64 t device mounted on a ceramic board: soldering land: 2.0 mm 2.0 mm r th (j-a) ? t transient thermal impedance r th (j - a) ( c/w ) time t (s) device mounted on a glass-epoxy board: soldering land: 2.1 mm 1.4 mm device mounted on a glass-epoxy board: soldering land: 6.0 mm 6.0 mm


▲Up To Search▲   

 
Price & Availability of CMZ30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X